Part Number Hot Search : 
C101M KBU4K F0805 40ST1 4000T MMBZ5238 AD198 MC1906L
Product Description
Full Text Search
 

To Download 2SA1077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1077
DESCRIPTION *With TO-220 package *Complement to type 2SC2527 *High transition frequency *Excellent safe operating area APPLICATIONS *High-frequency power amplifier *Audio power amplifiers *Switching regulators *DC-DC converters
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -7 -10 60 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO ICEO IEBO hFE-1 hFE-2 fT COB PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-1mA ,RBE= IC=-50A ,IE=0 IE=-50A ,IC=0 IC=-5A; IB=-0.5A IC=-5A ; VCE=-5V VCB=-120V; IE=0 VCE=-120V; IB=0 VEB=-7V; IC=0 IC=-1A ; VCE=-5V IC=-5A ; VCE=-5V IC=-1A ; VCE=-10V;f=10MHz IE=0 ; VCB=-10V;f=1MHz 60 40 30 60 300 MIN -120 -120 -7 -0.9 -1.25 TYP.
2SA1077
MAX
UNIT V V V
-1.8 -1.7 -50 -1 -50 200
V V A
mA A
MHz 470 pF
Switching times tr tstg tf Rise time Storage time Fall time IC=-7.5A; RL=4 IB1=-IB2=-0.75A; 0.15 0.5 0.11 s s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1077
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X